Part Number Hot Search : 
P2600 T6101115 DM0265 IP5661 CY7C1303 AK4601VQ SE5534NG 1046764
Product Description
Full Text Search
 

To Download MASW-007107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-007107
GaAs Broadband SPDT Switch DC - 8.0 GHz
Features
* 802.11a + b/g and MIMO Applications * Test and Measurement and Low/Medium Power Telecommunication Applications up to 8.0 GHz * Broadband Performance: DC - 8.0 GHz * Low Insertion Loss: 0.5 dB from 2.0 - 6.0 GHz * High Isolation: 30 dB from 2.0 - 6.0 GHz * Fast Settling for Low Gate Lag Requirements * Lead-Free 2 mm 8-Lead PDFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * RoHS Compliant* and 260C Reflow Compatible Rev. V5
Functional Schematic
Pin 1
Description
M/A-COM's MASW-007107 is a broadband GaAs pHEMT MMIC SPDT switch in a lead-free 2 mm 8lead PDFN package. Typical applications are for WLAN IEEE 802.11a + b/g, and MIMO. Other applications include test equipment requiring ultra fast switching speeds. Designed for low insertion loss, this SPDT switch maintains low loss up to 8.0 GHz. The MASW-007107 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
Pin Configuration 4
Pin No. 1 2 3 4 5 6 7 8 9 Pin Name RF1 N/C N/C RF2 VC2 N/C RFC VC1 Paddle
5
Description RF Output 1 No Connection No Connection RF Output 2 Voltage Control 2 No Connection RF Common Voltage Control 1 RF and DC Ground
Ordering Information 1,2
Part Number MASW-007107-TR3000 MASW-007107-000SMB MASW-007107-000DIE3 MASW-007107-0GPDIE Package 3000 piece reel Sample Test Board Separated die on grip ring 100 piece gel pack
4. M/A-COM recommends connecting unused package pins to ground. 5. The exposed pad centered on the package bottom must be connected to RF and DC ground.
Absolute Maximum Ratings 6,7
Parameter Input Power @ 3 V Control Input Power @ 5 V Control Operating Voltage Operating Temperature Storage Temperature Absolute Maximum +32 dBm +34 dBm +8.5 volts -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. 3. Die quantity varies.
6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM does not recommend sustained operation near these survivability limits. 1 * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007107
GaAs Broadband SPDT Switch DC - 8.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50 , VC = 0 V / 3 V, 8 pF Capacitor 8,9
Parameter
Insertion Loss 10
Rev. V5
Test Conditions
2.0 - 6.0 GHz 6.0 - 8.0 GHz 2.4 GHz 5.3 GHz 5.8 GHz 6.0 - 8.0 GHz DC - 8.0 GHz Two Tone, +5 dBm / Tone, 5 MHz Spacing 2.4 GHz 5.3 GHz 5.8 GHz Two Tone, +5 dBm / Tone, 10 MHz Spacing 2.4 GHz (3V) 5.8 GHz (3V) 2.4 GHz (5V) 5.8 GHz (5V) Two Tone, +15 dBm / Tone, 10 MHz Spacing 2.4 GHz (3V) 5.8 GHz (3V) 2.4 GHz (5V) 5.8 GHz (5V)
Units
dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBc dBc dBc dBc dBc dBc ns ns mV
Min.
-- -- 24 28 25 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.50 0.75 29 33 30 20 16 92 83 85 54 49 55 51 57 54 59 58 26 26 25 30.5 29.5 27 21 27.5 30 -80 -71 -71 -83 -71 -72 13 35 14 1 2.50 0.15
Max.
0.8 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 5 -- --
Isolation Return Loss Input IP2
Input IP3
Input P0.1dB
2.4 GHz 5.3 GHz 5.8 GHz 2.4 GHz 5.3 GHz 5.8 GHz 2.4 GHz, OFDM, QAM-64,54 Mbps, EVM = 2.5% 3V 5V 8V 2.4 GHz, PIN = +20 dBm 5.3 GHz, PIN = +20 dBm 5.8 GHz, PIN = +20 dBm 2.4 GHz, PIN = +20 dBm 5.3 GHz, PIN = +20 dBm 5.8 GHz, PIN = +20 dBm 10% to 90% RF and 90% to 10% RF 50% control to 90% RF and 50% control to 10% RF
Input P1dB
Linear Pout
2nd Harmonic
3rd Harmonic T-rise, T-fall Ton, Toff Transients Control Current RON Gate Lag
|VC| = 3 V t > 90 ms after OFF to ON Switching (settled) |Ron| between 15 s and 90 ms after OFF to ON Switching
A
8. For positive voltage control, external DC blocking capacitors are required on all RF ports. 9. Electrical minimum and maximum specifications are guaranteed in final package assembly only. 10.Insertion loss can be optimized by varying the DC blocking capacitor value. 2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007107
GaAs Broadband SPDT Switch DC - 8.0 GHz
Die Outline Drawing 11,12,13,14 Die Bond Pad Configuration
Pad No. 1 2 3 4 5 6 7 Name VC1 RF1 GND GND RF2 VC2 RFC Description Voltage Control 1 RF Output 1 Ground Ground RF Output 2 Voltage Control 2 RF Common
Rev. V5
Application Schematic
C1, C2, C3 = 8pF
Die Size - Inches (mm)
0.022 x 0.0189 x 0.006 (0.56 x 0.48 x 0.152)
11. 12. 13. 14. Typical dimensions in inches (millimeters) Die thickness is 0.006" (0.152 mm) Typical bond pad is 0.003" square (0.076 mm square) Bond pad metallization is gold.
Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
Handling Procedures
Please observe the following precautions to avoid damage:
Truth Table 15
Control VC1 Control VC2 1 0 0 1 RFC- RF1 On Off RFC--RF2 Off On
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
15. 1 = +2.9 V to +5 V, 0 = 0 V + 0.2 V.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007107
GaAs Broadband SPDT Switch DC - 8.0 GHz
Typical Performance Curves
Return Loss vs. Frequency
0 -5 -10
30
+25C -40C +85C
Rev. V5
Isolation vs. Frequency
50
+25C -40C +85C
40
-15
20
-20 -25 -30 0 2 4 6 8 10
10
0 0 2 4 6 8 10
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
2.0
+25C -40C +85C
EVM vs. Pout @ 2.4 GHz
10
1.5
8
EVM @ 3 V EVM @ 5 V EVM @ 8 V
6
1.0
4
0.5
2
0.0 0 2 4 6 8 10
0 0 5 10 15 20 25 30 35
Frequency (GHz)
Pout (dBm)
Lead Free 2 mm 8-lead PDFN
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-007107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X